PART |
Description |
Maker |
BR34E02FVT-3 |
Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
|
Rohm
|
K5A3240YTC-T855 K5A3340YBC-T855 K5A3240YBC-T855 K5 |
SPECIALTY MEMORY CIRCUIT, PBGA69 Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD.
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
AT17LV002A AT17C002A AT17C002A-10JC AT17C002A-10JI |
FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQFP32 5015 RR 19#16 PIN PLUG 2M X 1 CONFIGURATION MEMORY, PQCC20
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
AT88SC0404CA-MJ88SC0404 AT88SC0404CA-MP88SC0404 AT |
SPECIALTY MEMORY CIRCUIT, QMA SPECIALTY MEMORY CIRCUIT, DMA SPECIALTY MEMORY CIRCUIT WAFER SPECIALTY MEMORY CIRCUIT, PDIP8 GREEN, PLASTIC, PDIP-8 SPECIALTY MEMORY CIRCUIT, PTSO8 4.40 MM, GREEN, PLASTIC, TSSOP-8
|
Atmel, Corp. ATMEL CORP
|
K5A3280YBC-T855 K5A3380YBC-T855 K5A3280YTC-T855 K5 |
SPECIALTY MEMORY CIRCUIT, PBGA69 8 X 11 MM, 0.80 MM PITCH, 1.20 MM HEIGHT, TBGA-69 MCP MEMORY
|
http:// Fujitsu, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
7028L15PFG8 |
True Dual-Ported memory cells which allow simultaneous reads of the same memory location
|
Integrated Device Techn...
|
XRAG208 |
432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
|
STMicroelectronics
|
AT88SC6416CRF |
Contactless 64-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant. CryptoRF EEPROM Memory 64 Kbits
|
ATMEL[ATMEL Corporation]
|
MAX66040K MAX66040E MAX66040K-000AA |
ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function SPECIALTY MEMORY CIRCUIT, XSS
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC
|
SC9302H |
1-MEMORY/2-MEMORY TONE/PULSE DIALER
|
Silan Microelectronics ...
|
S72NS128PD0KJFGC3 S72NS128PD0KJFGC2 S72NS128PD0AJF |
MirrorBit Flash Memory and DRAM SPECIALTY MEMORY CIRCUIT, PBGA128 MirrorBit Flash Memory and DRAM MirrorBit闪存和DRAM
|
Spansion, Inc. Spansion Inc.
|